Part Number Hot Search : 
STM1816 34063APS A66J031C SB007 HER10 CX1622 VND5E 2N7079
Product Description
Full Text Search
 

To Download ZPY22 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZPY1 - ZPY100
SILICON PLANAR POWER ZENER DIODE Features
* * * * 1.3 W Power Dissipation Reliable Glass Package Planar Die Construction 0.7V - 100V Nominal Zener Voltages Plus ZPY1 Stabistor
A
B
A
Mechanical Data
* * * * * Case: Glass, DO-41 Leads: Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Marking: Type Number Weight: 0.35 grams (approx.)
DO-41 Dim A B C D Min 25.4 4.1 0.71 2.0
D
C
Max -- 5.2 0.86 2.7
All Dimensions in mm
Maximum Ratings
25C unless otherwise specified Symbol -- Pd RqJA Tj, TSTG Value -- 1.3 135 -55 to +200 Unit -- W K/W C
Characteristic Zener Current (see Table on Page 2) Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Note:
1. Valid provided that leads are kept at ambient temperature at a distance of 10mm from case.
DS21404 Rev. D-3
1 of 3
ZPY1-ZPY100
Electrical Characteristics
Zener Voltage Range (Note 2) VZ @ IZT Volts ZPY1 (Note 3) ZPY3.9 ZPY4.3 ZPY4.7 ZPY5.1 ZPY5.6 ZPY6.2 ZPY6.8 ZPY7.5 ZPY8.2 ZPY9.1 ZPY10 ZPY11 ZPY12 ZPY13 ZPY15 ZPY16 ZPY18 ZPY20 ZPY22 ZPY24 ZPY27 ZPY30 ZPY33 ZPY36 ZPY39 ZPY43 ZPY47 ZPY51 ZPY56 ZPY62 ZPY68 ZPY75 ZPY82 ZPY91 ZPY100 0.65-0.75 3.7-4.1 4.0-4.6 4.4-5.0 4.8-5.4 5.2-6.0 5.8-6.6 6.4-7.2 7.0-7.9 7.7-8.7 8.5-9.6 9.4-10.6 10.4-11.6 11.4-12.7 12.4-14.1 13.8-15.8 15.3-17.1 16.8-19.1 18.8-21.2 20.8-23.3 22.8-25.6 25.1-28.9 28-32 31-35 34-38 37-41 40-46 44-50 48-54 52-60 58-66 64-72 70-79 77-88 85-96 94-106
25C unless otherwise specified Maximum Zener Impedance ZZT @ IZT Ohms 8 7 7 7 5 2 2 2 2 2 4 4 7 7 9 9 10 11 12 13 14 15 20 20 60 60 80 80 100 100 130 130 160 160 250 250 Typical Temperature Coefficient @ TC %/C -0.24 -0.025 -0.020 -0.015 -0.005 +0.010 +0.025 +0.035 +0.035 +0.055 +0.055 +0.070 +0.075 +0.075 +0.075 +0.075 +0.090 +0.090 +0.090 +0.090 +0.095 +0.095 +0.095 +0.095 +0.095 +0.100 +0.105 +0.105 +0.105 +0.105 +0.105 +0.105 +0.105 +0.105 +0.110 +0.110 Minimum Reverse Voltage @ IR = 0.5A VR Volts -- -- -- -- 0.7 1.5 2 3 5 6 7 7.5 8.5 9.0 10 11 12 14 15 17 18 20 22.5 25 27 29 32 35 38 42 47 51 56 61 68 75 Maximum Zener Current (Note 1) IZM mA 580 290 260 235 215 193 183 157 143 127 117 105 94 85 78 70 63 57 52 48 42 38 35 31 29 26 24 22 20 18 16 14 13 12 11 10
Type Number
Test Current IZT mA 5.0 100 100 100 100 100 100 100 100 100 50 50 50 50 50 50 25 25 25 25 25 25 25 25 10 10 10 10 10 10 10 10 10 10 5.0 5.0
Notes:
1. Valid provided that leads are kept at ambient temperature at a distance of 10mm from case. 2. Tested with pulses tp = 20ma. 3. The ZPY1 is a silicon diode operated in forward direction. Hence, the index of all parameters and maximum ratings should be "F" instead of "Z." Connect the cathode terminal to the negative pole.
DS21404 Rev. D-3
2 of 3
ZPY1-ZPY100
60
240 200
ZPY1 ZPY3,9 ZPY4,7 Tj = 25C See Note 2 ZPY5,6 ZPY6,8 ZPY8,2 Test Current IZ 100mA ZPY10 ZPY12
ZPY15
ZPY18 ZPY22
Tj = 25C See Note 2
50
IZT, ZENER CURRENT (mA)
IZT, ZENER CURRENT (mA)
160 120 80
40 30
Test Current IZ 25mA
ZPY27
ZPY33 ZPY39 ZPY47
20 10
10mA
50mA
40 0
0
2
4
6
8
10
12
14
0
VZ, ZENER VOLTAGE (V) Fig. 1, Zener Breakdown Characteristics
0
10
20
30
40
50
VZ, ZENER VOLTAGE (V) Fig. 2, Zener Breakdown Characteristics
Tj = 25C
20
ZPY56
2
See Note 1
See Note 2 ZPY68 ZPY82
10
Test Current IZ 10mA
ZPY100
Pd, POWER DISSIPATION (W)
IZ, ZENER CURRENT (mA)
1
5mA
0
0
0
50 VZ, ZENER VOLTAGE (V) Fig. 3, Zener Breakdown Characteristics
100
0
100 TA, AMBIENT TEMPERATURE (C) Fig. 4, Power Derating Curve
200
Notes:
1. Valid provided that leads are kept at ambient temperature at a distance of 10mm from case. 2. Tested with pulses tp = 20ma. 3. The ZPY1 is a silicon diode operated in forward direction. Hence, the index of all parameters and maximum ratings should be "F" instead of "Z." Connect the cathode terminal to the negative pole.
DS21404 Rev. D-3
3 of 3
ZPY1-ZPY100


▲Up To Search▲   

 
Price & Availability of ZPY22

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X